PART |
Description |
Maker |
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AP4525GEH |
30V N-Channel PowerTrench MOSFET 15 A, 40 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, TO-252 N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
IRFW540 IRFW540A IRFI540A IRFWI540A IRFW540ATM |
Advanced Power MOSFET 28 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 100V N-Channel A-FET N-CHANNEL POWER MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MMFT5P03HDT3 MMFT5P03HD MMFT5P03HD-D |
30V N-Channel PowerTrench MOSFET 3.7 A, 30 V, 0.1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 5 Amps, 30 Volts P-Channel SOT-223
|
ONSEMI[ON Semiconductor]
|
NTP75N03RG NTB75N03R NTB75N03RG |
Power MOSFET 75 A, 25V N-Channel, TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 75 A, 25 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 75 Amps, 25 Volts N?Channel D2PAK, TO?20
|
ON Semiconductor
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
IXTQ18N60P IXTV18N60P |
MOSFET N-CH 600V 18A TO-3P 18 A, 600 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
|
IXYS, Corp. IXYS Corporation
|
|